Part Number Hot Search : 
RX5VT42A MAX17409 4733A 2SC494 SC1471 02FXJ 02FXJ GPA802DT
Product Description
Full Text Search
 

To Download 2CTE-V01M-Q20R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IA
NT
Features

Applications

Lead free RoHS compliant* 9 RC termination circuits to IEEE 1284 standard Stable thin-film-on-silicon technology Ultra-miniature packages to JEDEC standards
Bidirectional parallel port communications Specially designed for PC/printer interface Ideal for space-constrained applications
*R
oH
S
CO
M
PL
Thin Film on Silicon 2CTE IEEE 1284 Terminator
General Information Package Schematic
The IEEE 1284 Terminator is used to provide filtering and pull-up termination on bidirectional, high-speed parallel ports connecting computer to printer. These Silicon-based, Tantalum-Nitride resistors and capacitors feature excellent stability, temperature coefficients and tracking performance. This product series conforms to JEDEC standards.
20
19
18
17
16
15
14
13
12
11
R1 C R2
1
Electrical & Environmental Characteristics
2
3
4
5
6
7
8
9
10
Electrical Characteristics
Resistance Range Resistor Tolerance Power Rating per Resistor @ 70 C Capacitor Range Capacitor Tolerance Capacitor Breakdown Voltage Operating Voltage
Symbol
R
Minimum
10
Nominal
10 %
Maximum
4.7K 0.1 220
Unit
Watt pF pF V V V C C Watt
C
33 25 20 % 35
50 2K -55 -65
Environmental Characteristics
ESD Operating Temperature Storage Temperature Power Rating per Package @ 70 C TJ Tstg +125 +150 1.0
Filter Response
0 -2 -4 -6
2CTE-V02M-Q20R
Attenuation - dB
-8 -10 -12 -14 -16 -18 -20 0.0001 0.001 0.01 0.1 1 10
Frequency - MHz
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
Thin Film on Silicon 2CTE IEEE 1284 Terminator
Mechanical Characteristics QSOP Package Dimensions
A .635 TYP. (.025) 3.81 - 3.99 (.150 - .157)
Model 2QSP20
A 8.56 - 8.74 (.337 - .344)
Governing dimensions are in mm. Dimensions in parentheses are in inches and are approximate. JEDEC Reference Number MO-137.
QSOP Package Power Temperature Derating Curve
PIN 1
.21 - .31 (.008 - .012) 1.35 - 1.75 (.053 - .069)
1.25 WATTS 1.0 .75 .50 .25 0 25 50 75 100 125 150 AMBIENT TEMPERATURE ( C ) 2QSP20
.10 - .25 (.004 - .010)
Typical Part Marking
0-8 .19 - .25 (.007 - .010)
Represents total content. Layout may vary.
PRODUCT FUNCTION VALUE CODE PIN 1 INDICATOR (MOLDED INDENT) MANUFACTURER'S TRADEMARK PIN COUNT CTE20Q V02M YYWW PACKAGE STYLE GRADE
5.80 - 6.20 (.228 - .244)
.41 - 1.27 (.016 - .050)
DATE CODE
Standard RC Values
R1 Value (ohms) 1K 2.2 K 4.7 K 4.7 K 4.7 K 1K 2.2 K R2 Value (ohms) 33 33 10 33 270 33 33 C1 Value (pF) 180 220 180 180 33 47 47 Cap. BV (typ.) 25 25 25 25 25 25 25
Value Code V01 V02 V03 V04 V05 V08 V09
Part Number (Tape & Reel) 2CTE-V01M-Q20R 2CTE-V02M-Q20R 2CTE-V03M-Q20R 2CTE-V04M-Q20R 2CTE-V05M-Q20R 2CTE-V08M-Q20R 2CTE-V09M-Q20R
Part Number (Tubes) 2CTE-V01M-Q20T 2CTE-V02M-Q20T 2CTE-V03M-Q20T 2CTE-V04M-Q20T 2CTE-V05M-Q20T 2CTE-V08M-Q20T 2CTE-V09M-Q20T
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
Thin Film on Silicon 2CTE IEEE 1284 Terminator
Dispensing
For large quantities, the product will be dispensed in Tape and Reel (see diagram below).
A0
DIMENSIONS = MM (INCHES)
B0
K0
Package QSOP 20 Pin
A0 6.5 (0.256)
B0 9.0 (0.354)
K0 2.1 (0.083)
Width 16 (0.630)
Pitch 8 (0.315)
No. of Pieces No. of Pieces per 13 reel per tube 3,500 56
How To Order
2 CTE-V02 M-Q 20 R LF
Product Class Thin-Film-on-Silicon Product Function CTE = IEEE 1284 Terminator Value Code (Refer to Standard RC Value Table) Standard Grade R Tol. C Tol. M = 10 % 20 % Standard Package Style Q = QSOP Pin Count Q = 20 Dispensing R = Reel T = Tube
Terminations LF = 100 % Sn (lead free)
Asia-Pacific: Tel: +886-2 2562-4117 * Fax: +886-2 2562-4116 Europe: Tel: +41-41 768 5555 * Fax: +41-41 768 5510 The Americas: Tel: +1-951 781-5500 * Fax: +1-951 781-5700 www.bourns.com
04/07 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of 2CTE-V01M-Q20R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X